Part Number Hot Search : 
00030 F4812S HVC350B 5230B 68EBGP SFT815 T88SC 38020
Product Description
Full Text Search
 

To Download SW06BQ883C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 a
FEATURES Two Normally Open and Two Normally Closed SPST Switches with Disable Switches Can Be Easily Configured as a Dual SPDT or a DPDT Highly Resistant to Static Discharge Destruction Higher Resistance to Radiation than Analog Switches Designed with MOS Devices Guaranteed RON Matching: 10% max Guaranteed Switching Speeds T ON = 500 ns max T OFF = 400 ns max Guaranteed Break-Before-Make Switching Low "ON" Resistance: 80 max Low R ON Variation from Analog Input Voltage: 5% Low Total Harmonic Distortion: 0.01% Low Leakage Currents at High Temperature T A = +125 C: 100 nA max T A = +85 C: 30 nA max Digital Inputs TTL/CMOS Compatible and Independent of V+ Improved Specifications and Pin Compatible to LF-11333/13333 Dual or Single Power Supply Operation Available in Die Form
1
Quad SPST JFET Analog Switch SW06
FUNCTIONAL BLOCK DIAGRAM
V+ 12 3 IN 1 S1
2 6 IN 2 8 LEVEL SHIFT 7 11 IN 3 9 10 14 IN 4 16 15 4 DIS 13 GND V- 5
D1 S2
D2 S3
D3 S4
D4
GENERAL DESCRIPTION
The SW06 is a four channel single-pole, single-throw analog switch that employs both bipolar and ion-implanted FET devices. The SW06 FET switches use bipolar digital logic inputs which are more resistant to static electricity than CMOS devices. Ruggedness and reliability are inherent in the SW06 design and construction technology. Increased reliability is complemented by excellent electrical specifications. Potential error sources are reduced by minimizing "ON" resistance and controlling leakage currents at high temperatures. The switching FET exhibits minimal RON variation over a 20 V analog signal range and with power supply voltage changes. Operation from a single positive power supply voltage is possible. With V+ = 36 V, V- = 0 V, the analog signal range will extend from ground to +32 V. PNP logic inputs are TTL and CMOS compatible to allow the SW06 to upgrade existing designs. The logic "0" and logic "1" input currents are at microampere levels reducing loading on CMOS and TTL logic.
REV. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A. Tel: 617/329-4700 Fax: 617/326-8703
SW06-SPECIFICATIONS
ELECTRICAL CHARACTERISTICS (@ V+ = +15 V, V- = -15 V and T = +25 C, unless otherwise noted)
A
Parameter "ON" RESISTANCE
Symbol RON RON Match VA IA RON IS(OFF) ID(OFF) IS(ON)+ ID(ON) VINH VINL IINH IINL tON tOFF tON-tOFF CS(OFF) CD(OFF) CD(ON)+ CS(ON) ISO(OFF) CT
Conditions VS = 0 V, IS = 1 mA VS = 10 V, IS = 1 mA VS = 0 V, IS = 100 A1 IS = 1 mA2 IS = 1 mA2 VS = 10 V -10 V VS 10 V, IS = 1.0 mA VS = 10 V, VD = -10 V3 VS = 10 V, VD = -10 V3 VS = VD = 10 V
3
SW06B Min Typ Max 60 65 5 +10 +11 -10 -15 10 15 5 15 80 80 10
SW06F Min Typ Max 60 65 5 +10 +11 -10 -15 7 12 10 20 100 100 20
SW06G Min Typ Max 100 100 150 150 20 +10 +11 -10 -15 5 10 10 20
Units % V
RON MATCH BETWEEN SWITCHES ANALOG VOLTAGE RANGE
ANALOG CURRENT RANGE RON VS. APPLIED VOLTAGE SOURCE CURRENT IN "OFF" CONDITION DRAIN CURRENT IN "OFF" CONDITION SOURCE CURRENT IN "ON" CONDITION LOGICAL "1" INPUT VOLTAGE LOGICAL "0" INPUT VOLTAGE LOGICAL "1" INPUT CURRENT LOGICAL "0" INPUT TURN-ON TIME
mA %
0.3
2.0
0.3
2.0
0.3
10
nA
0.3 0.3
2.0 2.0
0.3 0.3
2.0 2.0
0.3 0.3
10 10
nA nA
Full Temperature Range2, 4 Full Temperature Range2, 4 VIN = 2.0 V to 15.0 V5 VIN = 0.8 V See Switching Time Test Circuit4, 6 See Switching Time Test Circuit4, 6 Note 7 VS = 0 V3 VS = 0 V
3 3
2.0 0.8 5 1.5 340 5.0 500
2.0 0.8 5 1.5 5.0
2.0 0.8 10 1.5 340 10.0 700
V V A A ns
340 600
TURN-OFF TIME
200
400
200 400
200
500
ns
BREAK-BEFORE-MAKE TIME SOURCE CAPACITANCE DRAIN CAPACITANCE CHANNEL "ON" CAPACITANCE
50
140 7.0 5.5 15
50
140 7.0 5.5 15
50
140 7.0 5.5 15
ns pF pF pF
V S = VD = 0 V
"OFF" ISOLATION
VS = 5 V rms, RL = 680 , CL = 7 pF, f = 500 kHz3 VS = 5 V rms, RL = 680 , CL = 7 pF, f = 500 kHz3 All Channels "OFF", DIS = "0"3 All Channels "OFF", DIS = "0"3 All Channels "ON" or "OFF"3
58
58
58
dB
CROSSTALK
70
70
70
dB
POSITIVE SUPPLY CURRENT
I+
5.0
6.0
5.0
9.0
6.0
9.0
mA
NEGATIVE SUPPLY CURRENT
I-
3.0
5.0
4.0
7.0
4.0
7.0
mA
GROUND CURRENT
IG
3.0
4.0
3.0
4.0
3.0
5.0
mA
-2-
REV. A
SW06 ELECTRICAL CHARACTERISTICS SW06FQ and -40 C T +85 C for SW06GP/GS, unless otherwise noted)
A
(@ V+ = +15 V, V- = -15 V, -55 C TA +125 C for SW06BQ, -40 C TA +85 C for
SW06B Min Typ Max -55 75 80 6 +10 +11 -10 -15 7 12 10 SW06F Min Typ Max +85 75 80 6 +10 +11 -10 -15 5 11 12 125 125 25 SW06G Min Typ Max 0 75 80 10 +10 +11 -10 -15 11 15 70 175 175
Parameter TEMPERATURE RANGE "ON" RESISTANCE
Symbol TA RON
Conditions Operating VS = 0 V, IS = 1.0 mA VS = 10 V, IS = 1.0 mA VS = 0 V, IS = 100 A1 IS = 1.0 mA IS = 1.0 mA2 VS = 10 V -10 V VS 10 V, IS = 1.0 mA VS = 10 V, VD = -10 V TA = Max Operating Temp3, 9 VS = 10 V, VD = -10 V TA = Max Operating Temp3, 9 VS = VD = 10 V TA = Max Operating Temp3, 9 VIN = 2.0 V to 15.0 V5 VIN = 0.8 V See Switching Time Test Circuit4, 8 See Switching Time Test Circuit4, 8 Note 7 All Channels "OFF," DIS = "0"3 All Channels "OFF," DIS = "0"3 All Channels "ON" or "OFF"3
2
Units C % V
+125 -25 110 110 20
RON MATCH BETWEEN SWITCHES RON Match ANALOG VOLTAGE RANGE VA IA RON
ANALOG CURRENT RANGE RON WITH APPLIED VOLTAGE SOURCE CURRENT IN "OFF" CONDITION DRAIN CURRENT IN "OFF" CONDITION
mA %
IS(OFF) ID(OFF) IS(ON)+ ID(ON) IINH IINL tON tOFF tON-tOFF I+
60
30
60
nA
60
30
60
nA
LEAKAGE CURRENT IN "ON" CONDITION LOGICAL "1" INPUT CURRENT LOGICAL "0" INPUT CURRENT TURN-ON TIME
100
30
60
nA A A ns
10 4 440 10 900 4
10 10 5
15 15 1000
500 900
TURN-OFF TIME
300
500
330 500
500
ns
BREAK-BEFORE-MAKE TIME POSITIVE SUPPLY CURRENT
70 9.0
70 13.5
50 13.5
ns mA
NEGATIVE SUPPLY CURRENT
I-
7.5
10.5
10.5
mA
GROUND CURRENT
IG
6.0
7.5
7.5
mA
NOTES
1 2 3
VS = 0 V, IS = 100 A. Specified as a percentage of R AVERAGE where: RAVERAGE =
RON1 + RON2 + RON 3 + RON 4 . 4
Guaranteed by R ON and leakage tests. For normal operation maximum analog signal voltages should be restricted to less than (V+) -4 V. Switch being tested ON or OFF as indicated, V INH = 2.0 V or VINL = 0.8 V, per logic truth table. 4 Also applies to disable pin. 5 Current tested at V IN = 2.0 V. This is worst case condition. 6 Sample tested. 7 Switch is guaranteed by design to provide break-before-make operation. 8 Guaranteed by design. 9 Parameter tested only at T A = +125C for military grade device. Specifications subject to change without notice.
REV. A
-3-
SW06 WAFER TEST LIMITS (@ V+ = +15 V, V- = -15 V, T = +25 C, unless otherwise noted)
A
Parameter "ON" RESISTANCE RON MATCH BETWEEN SWITCHES RON VS. VA POSITIVE SUPPLY CURRENT NEGATIVE SUPPLY CURRENT GROUND CURRENT ANALOG VOLTAGE RANGE LOGIC "1" INPUT VOLTAGE LOGIC "0" INPUT VOLTAGE LOGIC "0" INPUT CURRENT LOGIC "1" INPUT CURRENT ANALOG CURRENT RANGE
Symbol RON RON Match RON I+ I- IG VA VINH VINL IINL IINH IA
Conditions -10 V VA 10 V, IS 1 mA VA = 0 V, IS 100 A -10 V VA 10 V, IS 1 mA Note 1 Note 1 Note 1 IS = 1 mA Note 2 Note 2 0 V VIN 0.8 V 2.0 V VIN 15 V3 VS = 10 mV
SW06N Limit 80 15 10 6.0 5.0 4.0 10.0 2.0 0.8 5.0 5 10
SW06G Limit 100 20 20 9.0 7.0 4.0 10.0 2.0 0.8 5.0 5 7
Units max % max % max mA max mA max mA max V min V min V max A max A max mA min
NOTE Electrical tests are performed at wafer probe to the limits shown. Due to variations in assembly methods and normal yield loss, yield after packaging is not guaranteed for standard product dice. Consult factory to negotiate specifications based on dice lot qualification through sample lot assembly and testing.
TYPICAL ELECTRICAL CHARACTERISTICS (@ V+ = +15 V, V- = -15 V, T = +25 C, unless otherwise noted)
A
Parameter "ON" RESISTANCE TURN-ON TIME TURN-OFF TIME DRAIN CURRENT IN "OFF" CONDITION "OFF" ISOLATION CROSSTALK
Symbol RON tON tOFF ID(OFF) ISO(OFF) CT
Conditions -10 V VA 10 V, IS 1 mA
SW06N Typical 60 340 200
SW06G Typical 60 340 200 0.3 58 70
Units ns ns nA dB dB
VS = 10 V, VD = -10 V f = 500 kHz, RL = 680 f = 500 kHz, RL = 680
0.3 58 70
NOTES 1 Power supply and ground current specified for switch "ON" or "OFF." 2 Guaranteed by RON and leakage tests. 3 Current tested at V IN = 2.0 V. This is worst case condition.
-4-
REV. A
SW06
ABSOLUTE MAXIMUM RATINGS1 ORDERING GUIDE
Operating Temperature Range SW06BQ, BRC . . . . . . . . . . . . . . . . . . . -55C to +125C SW06FQ . . . . . . . . . . . . . . . . . . . . . . . . . -40C to +85C SW06GP, GS . . . . . . . . . . . . . . . . . . . . . . -40C to +85C Storage Temperature Range . . . . . . . . . . . -65C to +150C Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300C Maximum Junction Temperature . . . . . . . . . . . . . . . . +150C V+ Supply to V- Supply . . . . . . . . . . . . . . . . . . . . . . . +36 V V+ Supply to Ground . . . . . . . . . . . . . . . . . . . . . . . . . +36 V Logic Input Voltage . . . . . . . . . . . (-4 V or V-) to V+ Supply Analog Input Voltage Range Continuous . . . . . . . . . . . . . V- Supply to V+ Supply +20 V Maximum Current Through Any Pin Including Switch . . . . . . . . . . . . . . . . . . . . . 30 mA Package Type 16-Pin Hermetic DIP (Q) 16-Pin Plastic DIP (P) 20-Contact LCC (RC) 16-Pin SOL (S)
2 JA JC
Model SW06BQ SW06BRC SW06FQ SW06GP SW06GS
Temperature Range -55C to +125C -55C to +125C -40C to +85C -40C to +85C -40C to +85C
Package Description Cerdip LCC Cerdip Plastic DIP SOL
Package Option Q-16 E-20A Q-16 N-16 R-16
TRUTH TABLE
Disable Input 0 1 or NC 1 or NC
Logic Input X 0 1
Switch State Channels Channels 1&2 3&4 OFF OFF ON OFF ON OFF
Units C/W C/W C/W C/W
100 82 98 98
16 39 38 30
NOTES 1 Absolute maximum ratings apply to both DICE and packaged parts, unless otherwise noted. 2 JA is specified for worst case mounting conditions, i.e., JA is specified for device in socket for Cerdip, P-DIP, and LCC packages; JA is specified for device soldered to printed circuit board for SO package.
PIN CONNECTIONS 16-Pin DIP (Q or P-Suffix) 16-Pin SOL (S-Suffix)
DICE CHARACTERISTICS
Die Size 0.101 x 0.097 inch, 9797 sq. mils (2.565 x 2.464 mm, 6320 sq. mm)
SW06BRC/883 LCC Package (RC-Suffix)
REV. A
-5-
SW06-Typical Performance Characteristics
"ON" Resistance vs. Power Supply Voltage
"ON" Resistance vs. Analog Voltage
RON vs. Temperature
Switch Current vs. Voltage
Leakage Current vs. Analog Voltage
Leakage Current vs. Temperature
Supply Current vs. Temperature
Supply Current vs. Supply Voltage
Switch Capacitance vs. Analog Voltage
-6-
REV. A
SW06
TON/TOFF Switching Response
Switching Time vs. Analog Voltage
Switching Time vs. Temperature
Insertion Loss vs. Frequency
Crosstalk and "OFF" Isolation vs. Frequency
Total Harmonic Distortion
Power Supply Rejection vs. Frequency
Overvoltage Characteristics
REV. A
-7-
SW06-Typical Performance Characteristics (Operating and Single Supply)
"On" Resistance vs. Analog Voltage
Leakage Current vs. VANALOG
Supply Current vs. Supply Voltage
NOTE
These single-supply-operation characteristic curves are valid when the negative power supply V- is tied to the logic ground reference pin "GND." TTL input compatibility is still maintained when "GND" is the same potential as the TTL ground. tOFF is measured from 50% of logic input waveform to 0.9 VO. The analog voltage range extends from 0 V to V+ -4 V; the switch will no longer respond to logic control when VA is within 4 volts of V+.
Switching Time vs. Supply Voltage
Simplified Schematic Diagram (Typical Switch)
-8-
REV. A
SW06
"Off" Isolation Test Circuit Crosstalk Test Circuit
Switching Time Test Circuit
REV. A
-9-
SW06
Figure 1. Functional Applications of SW06
APPLICATIONS INFORMATION
The single analog switch product configures, by appropriate pin connections, into four switch applications. As shown in Figure 1, the SW06 connects as a QUAD SPST, a DUAL SPDT, a DUAL DPST, or a DPDT analog switch. This versatility increases further when taking advantage of the disable input (DIS) which turns all switches OFF when taken active low. Ion-implantation of the JFET analog switch achieves low ON resistance and tight channel-to-channel matching. Combining the low ON resistance and low leakage currents results in a worst case voltage error figure VERROR @ +125C = ID(ON) x RSD(ON) = 100 nA x 100 = 11 microvolts. This amount of error is negligible considering dissimilar-metal thermally-induced offsets will be in the 5 to 15 microvolt range.
LOGIC INPUTS
supplies are OFF. When the V+ and V- supplies are OFF, the logic inputs present a reverse bias diode loading to active logic inputs. Input logic thresholds are independent of V+ and V- supplies making single V+ supply operation possible by simply connecting GND and V- together to the logic ground supply.
ANALOG VOLTAGE AND CURRENT
ANALOG VOLTAGE
The logic inputs (INX) and disable input (DIS) are referenced to a TTL logic threshold value of two forward diode drops (1.4 V at +25C) above the GND terminal. These inputs use PNP transistors which draw maximum current at a logic "0" level and drops to a leakage current of a reverse biased diode as the logic input voltage raises above 1.4 volts. Any logic input voltage greater than 2.0 volts becomes logic "1," less than 0.8 volts becomes logic "0" resulting in full TTL noise immunity not available from similar CMOS input analog switches. The PNP transistor inputs require such low input current that the SW06 approaches fan-ins of CMOS input devices. These bipolar logic inputs exceed any CMOS input circuit in resistance to static voltage and radiation susceptibility. No damage will occur to the SW06 if logic high voltages are present when the SW06 power
These switches have constant ON resistance for analog voltages from the negative power supply (V-) to within 4 volts of the positive power supply. This characteristic shown in the plots results in good total harmonic distortion, especially when compared to CMOS analog switches that have a 20 to 30 percent variation in ON resistance versus analog voltage. Positive analog input voltage should be restricted to 4 volts less than V+ assuring the switch remains open circuit in the OFF state. No increase in switch ON resistance occurs when operating at supply voltages less than 15 volts (see plot). Small signals have a 3 dB down frequency of 70 MHz (see insertion loss versus frequency plot).
ANALOG CURRENT
The analog switches in the ON state are JFETs biased in their triode region and act as switches for analog current up to the IA specification (see plot of IDS vs VDS). Some applications require pulsed currents exceeding the IA spec. For example, an integrator reset switch discharging a shunt capacitor will produce a peak current of IA(PEAK) = VCAP/RDS(ON). In this application, it is best to connect the source to the most positive end of the capacitor, thereby achieving the lowest switch resistance and REV. A
-10-
SW06
fastest reset times. The switch can easily handle any amount of capacitor discharge current subject only to the maximum heat dissipation of the package and the maximum operating junction temperature from which repetition can be established.
SWITCHING DISABLE NODE
This TTL compatible node is similar to the logic inputs INX but has an internal 2 A current source pull-up. If disable is left unconnected, it will assume the logic "1" state, then the state of the switches is controlled only by the logic inputs INX.
POWER SUPPLIES
Switching time tON and tOFF characteristics are plotted versus VANALOG and temperature. In all cases, tOFF is designed faster than tON to ensure a break-before-make interval for SPDT and DPDT applications. The disable input (DIS) has the same switching times (tON and tOFF) as the logic inputs (INX). Switching transients occurring at the source and drain contacts results from ac coupling of the switching FETs gate-to-source and gate-to-drain coupling capacitance. The switch turn ON will cause a negative going spike to occur and the turn OFF will cause a positive spike to occur. These spikes can be reduced by additional capacitance loading, lower values of RL, or switching an additional switch (with its extra contact floating) to the opposite state connected to the spike sensitive node.
This product operates with power supply voltages ranging from 12 to 18 volts; however, the specifications only guarantee device parameters with 15 volt 5% power supplies. The power supply sensitive parameters have plots to indicate effects of supply voltages other than 15 volts.
Typical Applications
Operation from Single Positive Power Supply
4-Channel Sample Hold Amplifier
High Off Isolation Selector Switch (Shunt-Series Switch)
REV. A
-11-
SW06
Single Pole Double Throw Selector Switch with Break-Before-Make Interval
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
20-Terminal Leadless Chip Carrier (RC-Suffix) E-20A
0.200 (5.08) BSC 0.100 (2.54) BSC
3 4 1
0.005 (0.13) MIN
16-Lead Cerdip (Q-Suffix) Q-16
0.080 (2.03) MAX
0.100 (2.54) 0.064 (1.63) 0.095 (2.41) 0.075 (1.90) 0.358 (9.09) 0.358 (9.09) 0.342 (8.69) MAX SQ SQ 0.011 (0.28) 0.007 (0.18) R TYP 0.075 (1.91) REF
0.075 (1.91) REF
16 PIN 1 1 0.840 (21.34) MAX 0.200 (5.08) MAX 0.200 (5.08) 0.125 (3.18) 0.023 (0.58) 0.014 (0.36) 0.100 (2.54) BSC
9 0.310 (7.87) 0.220 (5.59) 8 0.320 (8.13) 0.290 (7.37) 0.060 (1.52) 0.015 (0.38)
19 18 20
0.015 (0.38) MIN 0.028 (0.71) 0.022 (0.56) 0.050 (1.27) BSC
BOTTOM VIEW
14 13 8 9
45 TYP 0.088 (2.24) 0.054 (1.37) 0.055 (1.40) 0.045 (1.14) 0.150 (3.81) BSC
0.150 (3.81) MIN
0.015 (0.38) 0.008 (0.20) 15 0
0.070 (1.78) 0.030 (0.76)
SEATING PLANE
16-Lead Plastic DIP (P-Suffix) N-16
0.840 (21.33) 0.745 (18.93)
16 1 9 8
16-Lead Wide Body SOL (S-Suffix) R-16/SOL-16
0.4133 (10.50) 0.3977 (10.00)
PIN 1 0.210 (5.33) MAX 0.160 (4.06) 0.115 (2.93) 0.022 (0.558) 0.014 (0.356) 0.100 (2.54) BSC
0.060 (1.52) 0.015 (0.38) 0.130 (3.30) MIN 0.070 (1.77) SEATING 0.045 (1.15) PLANE
0.325 (8.25) 0.300 (7.62) 0.195 (4.95) 0.115 (2.93)
1
8
PIN 1
0.015 (0.381) 0.008 (0.204)
0.0118 (0.30) 0.0040 (0.10)
0.1043 (2.65) 0.0926 (2.35)
0.4193 (10.65) 0.3937 (10.00)
0.2992 (7.60) 0.2914 (7.40)
0.280 (7.11) 0.240 (6.10)
16
9
0.0291 (0.74) x 45 0.0098 (0.25)
0.0500 (1.27) BSC
8 0.0192 (0.49) 0 SEATING 0.0125 (0.32) 0.0138 (0.35) PLANE 0.0091 (0.23)
0.0500 (1.27) 0.0157 (0.40)
-12-
REV. A
This datasheet has been download from: www..com Datasheets for electronics components.


▲Up To Search▲   

 
Price & Availability of SW06BQ883C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X